PART |
Description |
Maker |
LTC2170CUKG-14PBF LTC2170CUKG-14TRPBF LTC2170IUKG- |
14-Bit, 65Msps/40Msps/25Msps Low Power Quad ADCs
|
Linear Technology
|
LTC2141-14-15 LTC2142-14-15 |
14-Bit, 65Msps/ 40Msps/25Msps Low Power Dual ADCs
|
Linear Technology
|
LTC2172-12 |
(LTC217x-12) 65Msps/40Msps/ 25Msps Low Power Quad ADCs
|
Linear Technology
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
LTC2226CUH LTC2226CUH-PBF LTC2227CUH-PBF LTC2228CU |
12-Bit, 65/40/25Msps Low Power 3V ADCs 12-Bit, 65Msps Low Power 3V ADCs; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC32
|
http:// Linear Technology, Corp.
|
LTC2288IUPPBF LTC2286IUPTRPBF LTC2286IUPPBF LTC228 |
Dual 10-Bit, 65Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: -40°C to 85°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 25Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64 Dual 10-Bit, 40Msps Low Noise 3V ADCs; Package: QFN; No of Pins: 64; Temperature Range: 0°C to 70°C DUAL 1-CH 10-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC64
|
Linear Technology, Corp.
|
LTC1415 LTC1415CSW LTC1415CG LTC1415IG LTC1415ISW |
From old datasheet system 12-Bit/ 1.25Msps/ 55mW Sampling A/D Converter 12-Bit, 1.25Msps, 55mW Sampling A/D Converter
|
LINER[Linear Technology]
|
LTC2205-14 LTC2205CUK-14 LTC2205IUK-14 LTC2205UK-1 |
14-Bit, 65Msps ADC
|
Linear Technology
|
LTC2205UK-14 LTC2205-14 LTC2205IUK-14 LTC2205CUK-1 |
14-Bit, 65Msps ADC
|
Linear Technology Corporation
|
LTC1410-15 |
12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
|
Linear Technology
|